Part Number Hot Search : 
M62376E 6KE24 2N394 F75111R 50500 50500 SP600 2SK14
Product Description
Full Text Search
 

To Download SB2060LFCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB2060LFCT
DUAL LOW VF SCHOTTKY RECTIFIER
VOLTAGE FEATURES
* Low forward voltage drop, low power losses * High efficiency operation * In compliance with EU RoHS 2002/95/EC directives
60 Volts
CURRENT
20 Amperes
0.112(2.85) 0.100(2.55) 0.272(6.9) 0.248(6.3) 0.406(10.3) 0.381(9.7) 0.134(3.4) 0.118(3.0) 0.189(4.8) 0.165(4.2) 0.130(3.3) 0.114(2.9)
MECHANICAL DATA
Case : ITO-220AB, Plastic
0.055(1.4) 0.039(1.0) 0.055(1.4) 0.039(1.0) 0.028(0.7) 0.019(0.5) 0.100(2.55) 0.177(4.5) 0.137(3.5)
0.606(15.4) 0.583(14.8)
Weight: 0.055 ounces, 1.5615 grams
0.543(13.8) 0.512(13.0)
Terminals : Solderable per MIL-STD-750, Method 2026
0.114(2.9) 0.098(2.5)
0.100(2.55)
0.027(0.67) 0.022(0.57)
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum average forward rectified current (Fig.4) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode Typ i c a l the r ma l r e s i s ta nc e Operating junction Storage temperature range per device per diode per diode SYMBOL VRRM I F(AV) I FSM RJC TJ TSTG VALUE 60 20 10 145 4 .5 -55 to + 125 -55 to + 150
O
UNIT V A A C/W
o
C
o
C
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
PARAMETER Breakdown voltage SYMBOL VBR TEST CONDITIONS I R=1mA I F=5A I F=10A I F=5A I F=10A VR=60V TJ=25oC TJ=125oC TJ=25oC TJ=100oC MIN. 64 TYP. 68 0.44 0.51 MAX. 0.51 0.60 0.44 0.56 0.5 20 UNIT V V V mA
Instantaneous forward voltage per diode (1)
VF
Reverse current per diode (2)
IR
Note.1.Pulse test : 380s pulse width, 1% duty cycle 2.Pulse test : Pulse width < 2.5ms
September 14,2010-REV.07
PAGE . 1
SB2060LFCT
100
100
TJ = 100C 10 TJ = 125C 1 TJ = 25C
IR,Reverse Current (mA)
IF, Forward Current (A)
TJ = 125C 10 TJ = 100C 1
0.1 TJ = 25C
TJ = 75C 0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0.01 20 40 60 80 100
VF, Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.1 Typical Forward Characteristics Per Diode
10000
Fig.2 Typical Reverse Characteristics Per Diode
IF, Average Forward Current (A)
0.1 1 10 100
CJ, Junction Capacitance (pF)
12.00 10.00 8.00 6.00 4.00 2.00 0.00 0 25 50 75 100 125 150
1000
100
10
VR, Reverse Bias Voltage (V)
TC, Case Temperature (C)
Fig.3 Typical Junction Capacitance Per Diode
Fig.4 Forward Current Derating Curve Per Diode
September 14,2010-REV.07
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB2060LFCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X